PART |
Description |
Maker |
ADM3053BRWZ-REEL7 EVAL-ADM3053EBZ |
Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
|
http:// Analog Devices
|
PHD32UYY PHD32UDD PHD32UDC PHD32UDB PHD32VDB PHD32 |
PHD32 Series . 32A Non-Isolated DC/DC Converter 5V/ 3.3V Input Dual Output PHD32 Series . 32A Non-Isolated DC/DC Converter 5V 3.3V Input Dual Output Reed Switch; Pull-In Amp Turns Max:19; Pull-In Amp Turns Min:10; Circuitry:SPST-NO; Switching Current Max:0.5A; Switching Voltage Max:180VDC; Mounting Type:PCB; Body Length:13.5mm; Breakdown Voltage Min:180V PHD32系列。第32A非隔离式DC / DC转换器为5V.3V输入双输 PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output PHD32系列。第32A非隔离式DC / DC转换器为5V3.3V输入双输 PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output PHD32系列。第32A非隔离式DC / DC转换器为5V.3V输入双输
|
POWER-ONE[Power-One] Motorola Mobility Holdings, Inc. AME, Inc. Electronic Theatre Controls, Inc. Hitachi,Ltd.
|
VLA106-24154 |
Isolated DC/DC Converter
|
Powerex Power Semiconductors
|
BP5034D5 BP5034D510 |
Non-Isolated AC/DC Converter
|
Rohm
|
M57184N-715BF |
NON-ISOLATED DC-DC CONVERTER
|
Isahaya Electronics Corporation
|
SMT15F-12S1V0J SMT15F-12S1V2J SMT15F-12S1V5J SMT15 |
non-isolated dc-dc converter
|
Emerson Network Power
|
M57184N-516AF |
NON-ISOLATED DC-DC CONVERTER
|
Isahaya Electronics Corporation
|
BP5726-1510 |
Non-Isolated AC/DC Converter
|
Rohm
|
BP5720-5 |
Isolated AC/DC Converter
|
Rohm
|
VLA417-153R |
NON ISOLATED DC-DC CONVERTER
|
Isahaya Electronics Cor...
|
BP5048-24 BP5048-2410 |
Non-Isolated AC/DC Converter
|
Rohm
|